전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM28S 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 HM28S
상세설명  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM28S 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM28S Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM28S Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM28S Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6450
Issued Date : 1992.11.25
Revised Date : 2002.04.18
Page No. : 1/3
HM28S
HSMC Product Specification
HM28S
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM28S is a NPN silicon transistor, designed for use in general-purpose
SPEECH SYNTHSIZER (Voice Rom) IC audio output driver stage amplifier
applications.
Features
• Excellent hFE Linearity
• High DC Current Gain
• High Power Dissipation
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................. 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 850 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage..................................................................................................... 40 V
VCEO Collector to Emitter Voltage ................................................................................................. 20 V
VEBO Emitter to Base Voltage.......................................................................................................... 6 V
IC Collector Current ..................................................................................................................... 1.25 A
IB Base Current ............................................................................................................................. 0.4 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCEO
20
-
-
V
IC=1mA, IB=0
BVEBO
6
-
-
V
IE=100uA, IC=0
ICBO
-
-
100
nA
VCB=35V, IE=0
IEBO
-
-
100
nA
VEB=6V, IC=0
*VCE(sat)
-
-
0.55
V
IC=600mA, IB=20mA
*hFE1
290
-
-
VCE=1V, IC=1mA
*hFE2
300
-
1000
VCE=1V, IC=0.1A
hFE3
300
-
-
VCE=1V, IC=0.3A
hFE4
300
-
-
VCE=1V, IC=0.5A
fT
100
-
-
MHz
VCE=10V, IC=50mA, f=1MHz
Cob
-
9
-
pF
VCB=10V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE2
Rank
B
C
D
Range
300-550
500-700
650-1000
TO-92


유사한 부품 번호 - HM28S

제조업체부품명데이터시트상세설명
logo
SHANTOU HUASHAN ELECTRO...
HM28S HUASHAN-HM28S Datasheet
243Kb / 1P
NPN SILICON TRANSISTOR
More results

유사한 설명 - HM28S

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com