| 전자부품 데이터시트 검색엔진 |
|
PS8601L2-V 데이터시트(PDF) 9 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PS8601L2-V 데이터시트(HTML) 9 Page - NEC |
|
9 / 10 page ![]() 9 PS8601, PS8601L SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884) PARAMETER SYMBOL SPECK UNIT Application classification (DIN VDE0109) for rated line voltages 300 Veff for rated line voltages 600 Veff IV III Climatic test class (DIN IEC 68 Teil 1/09.80) 55/100/21 Dielectric strength maximum operating isolation voltage. Test voltage (partial discharge test procedure a for type test and random test) Upr = 1.2 UIORM, Pd < 5 pC UIORM Upr 890 1 068 Vpeak Vpeak Test voltage (partial discharge test procedure b for random test) Upr = 1.6 UIORM, Pd < 5 pC Upr 1 424 Vpeak Highest permissible overvoltage UTR 8 000 Vpeak Degree of pollution (DIN VDE 0109) 2 Clearance distance > 7.0 mm Creepage distance > 7.0 mm Comparative tracking index (DIN IEC 112/VDE 0303 part 1) CTI 175 Material group (DIN VDE0109) IIIa Storage temperature range Tstg 55 to +150 Cel Operating temperature range Tamb 55 to +100 Cel Isolation resistance, minimum value UIO = 500 V dc at 25 Cel UIO = 500 V dc at Tamp maximum at least 100 Cel Ris min Ris min 10 12 10 11 ohm ohm Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance UIO = 500 V dc at 175 Cel (Tsi) Tsi Isi Psi Ris min 175 400 700 10 9 Cel mA mW ohm |