전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM92M 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 HM92M
상세설명  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM92M 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM92M Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM92M Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM92M Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9516-B
Issued Date : 1996.04.09
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM92M
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM92M is designed for application as a video output to drive
color CRT, or as a dialer circuit in electronics telephone.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ..................................................................................... -300 V
VCEO Collector to Emitter Voltage .................................................................................. -300 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ..................................................................................................... -800 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-300
-
-
V
IC=-100uA, IE=0
BVCEO
-300
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICEO
-
-
-5
uA
VCE=-300V, IB=0
IEBO
-
-
-100
nA
VEB=-3V
*VCE(sat)
-
-
-700
mV
IC=-100mA, IB=-10mA
*VBE(sat)1
-
-
-900
mV
IC=-20mA, IB=-2mA
*VBE(sat)2
-
-
-1
V
IC=-100mA, IB=-10mA
*hFE1
80
-
-
VCE=-10V, IC=-10mA
*hFE2
80
-
-
VCE=-10V, IC=-100mA
*hFE3
40
-
-
VCE=10V, IC=-200mA
fT
50
-
-
MHz
VCE=-20V, IC=-10mA, f=100MHz
Cob
-
-
8
pF
VCB=-20V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


유사한 부품 번호 - HM92M

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HM92 HSMC-HM92 Datasheet
31Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
DFI Inc
HM920-HM86 DFI-HM920-HM86 Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-2000E DFI-HM920-HM86BS0-2000E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-2002E DFI-HM920-HM86BS0-2002E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
HM920-HM86BS0-4400E DFI-HM920-HM86BS0-4400E Datasheet
779Kb / 2P
4th Gen Intel Core COM Express Basic
More results

유사한 설명 - HM92M

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com