전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7473A 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TDA7473A
상세설명  QUAD BTL DRIVER WITH VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7473A 데이터시트(HTML) 4 Page - STMicroelectronics

  TDA7473A Datasheet HTML 1Page - STMicroelectronics TDA7473A Datasheet HTML 2Page - STMicroelectronics TDA7473A Datasheet HTML 3Page - STMicroelectronics TDA7473A Datasheet HTML 4Page - STMicroelectronics TDA7473A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
SO28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S8
° (max.)
TDA7473
4/5
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5