전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89LP51IC2 데이터시트(PDF) 33 Page - ATMEL Corporation

부품명 AT89LP51IC2
상세설명  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51IC2 데이터시트(HTML) 33 Page - ATMEL Corporation

Back Button AT89LP51IC2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 30Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 31Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 32Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 33Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 34Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 35Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 36Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 254 page
background image
33
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
A block diagram of the MAC unit is shown in Figure 5-3. The 16-bit signed operands are pro-
vided by the register pairs (AX,ACC) and (BX,B) where AX (E1H) and BX (F7H) hold the higher
order bytes. The 16-by-16 bit multiplication is computed through partial products using the
AT89LP51RB2/RC2/IC2’s 8-bit multiplier. The 32-bit signed product is added to the 40-bit M
accumulator register. The MAC operation is summarized as follows:
All computation is done in signed two’s complement form.
Figure 5-3.
Multiply–Accumulate Unit
The MAC operation is performed by executing the MAC AB (A5 A4H) extended instruction. This
two-byte instruction requires nine clock cycles to complete as the multiply is done in a sequential
manner using partial products. The operand registers are not modified by the instruction and the
result is stored in the 40-bit M register. MAC AB also updates the C and OV flags in PSW. C rep-
resents the sign of the MAC result and OV is the two’s complement overflow. Note that MAC AB
will not clear OV if it was previously set to one.
Three additional extended instructions operate directly on the M register. CLR M (A5 E4H)
clears the entire 40-bit register in two clock cycles. LSL M (A5 23H) and ASR (A5 03H) shift M
one bit to the left and right respectively. Right shifts are done arithmetically, i.e. the sign is
preserved.
The 40-bit M register is accessible 16-bits at a time through a sliding window as shown in Figure
5-4. The MRW
1-0 bits in DSPR (Table 5-1) select which 16-bit segment is currently accessible
through the MACL and MACH addresses. For normal fixed point operations the window can be
fixed to the rank of interest. For example, multiplying two 1.15 format numbers places a 2.30 for-
mat result in the M register. If MRW is set to 10B, a 1.15 value is obtained after performing a
single LSL M.
MAC AB:
M
M
AX ACC
{,
}
BX B
{, }
×
+
←
M3
M4
M2
M1
M0
ACC
AX
BX
B
16 x 16-bit Signed MULT
40-bit ADD
Shifter
MACH
MACL
PSW
MRW
SMLA
SMLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com