전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSC1815 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 HSC1815
상세설명  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC1815 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSC1815 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC1815 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC1815 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6523
Issued Date : 1992.11.25
Revised Date : 2001.06.06
Page No. : 1/3
HSC1815
HSMC Product Specification
HSC1815
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HSC1815 is designed for use in driver stage of AF amplifier
general purpose amplification.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 60 V
VCEO Collector to Emitter Voltage ..................................................................................... 50 V
VEBO Emitter to Base Voltage ............................................................................................. 5 V
IC Collector Current ....................................................................................................... 150 mA
IB Base Current ............................................................................................................... 50 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA, IE=0
BVCEO
50
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
*VBE(sat)
-
-
1
V
IC=100mA, IB=10mA
*hFE1
120
-
700
VCE=6V, IC=2mA
*hFE2
25
-
-
VCE=6V, IC=150mA
fT
80
-
-
MHz
VCE=10V, IC=1mA, f=100MHz
Cob
-
-
3.5
pF
VCB=10V, f=1MHz, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE1
Rank
Y
GR
BL
Range
120-240
200-400
350-700


유사한 부품 번호 - HSC1815

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
HSC100 TEC-HSC100 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSC100 TEC-HSC100 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSC10012RJ TEC-HSC10012RJ Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Guangdong Huixin Electr...
HSC10065AC HUIXIN-HSC10065AC Datasheet
446Kb / 3P
Silicon Carbide Schottky Diode
HSC10065F HUIXIN-HSC10065F Datasheet
632Kb / 4P
Silicon Carbide Schottky Diode
More results

유사한 설명 - HSC1815

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com