| 전자부품 데이터시트 검색엔진 |
|
HSC3953 데이터시트(PDF) 3 Page - Hi-Sincerity Mocroelectronics |
|
|
|||||||||||||||||||||||||||||
HSC3953 데이터시트(HTML) 3 Page - Hi-Sincerity Mocroelectronics |
|
3 / 3 page ![]() HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE6602 Issued Date : 1993.03.15 Revised Date : 2001.01.01 Page No. : 3/3 HSMC Product Specification TO-126ML Dimension *:Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1356 0.1457 3.44 3.70 I - *0.1795 - *4.56 B 0.0170 0.0272 0.43 0.69 J 0.0268 0.0331 0.68 0.84 C 0.0344 0.0444 0.87 1.12 K 0.5512 0.5906 14.00 15.00 D 0.0501 0.0601 1.27 1.52 L 0.2903 0.3003 7.37 7.62 E 0.1131 0.1231 2.87 3.12 M 0.1378 0.1478 3.50 3.75 F 0.0737 0.0837 1.87 2.12 N 0.1525 0.1625 3.87 4.12 G 0.0294 0.0494 0.74 1.25 O 0.0740 0.0842 1.88 2.14 H 0.0462 0.0562 1.17 1.42 Notes : 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995. 2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material : • Lead : 42 Alloy ; solder plating • Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. • HSMC reserves the right to make changes to its products without notice. • HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory : • Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 • Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 • Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220 N D E M L K F I A B C H J 3 2 1 O G Style : Pin 1.Emitter 2.Collector 3.Base 3-Lead TO-126ML Plastic Package HSMC Package Code : D Marking : HSMC Logo Part Number Date Code Product Series Rank Ink Marking |