전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH2R02-Y 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH2R02-Y
상세설명  Automotive ultrafast recovery diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02-Y 데이터시트(HTML) 6 Page - STMicroelectronics

  STTH2R02-Y Datasheet HTML 1Page - STMicroelectronics STTH2R02-Y Datasheet HTML 2Page - STMicroelectronics STTH2R02-Y Datasheet HTML 3Page - STMicroelectronics STTH2R02-Y Datasheet HTML 4Page - STMicroelectronics STTH2R02-Y Datasheet HTML 5Page - STMicroelectronics STTH2R02-Y Datasheet HTML 6Page - STMicroelectronics STTH2R02-Y Datasheet HTML 7Page - STMicroelectronics STTH2R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STTH2R02-Y
6/8
Doc ID 17934 Rev 1
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
SMB footprint (dimensions in mm)
Table 6.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
1.90
2.15
2.45
0.075 0.085 0.096
A2
0.05
0.15
0.20
0.002 0.006 0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.40
5.60
0.201 0.213 0.220
E1
4.05
4.30
4.60
0.159 0.169 0.181
D
3.30
3.60
3.95
0.130 0.142 0.156
L
0.75
1.15
1.60
0.030 0.045 0.063
D
E
E1
c
A1
A2
b
L
2.22
1.75
1.75
1.75
5.25



Html Pages

1 2 3 4 5 6 7 8