전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STX13003-AP 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STX13003-AP
상세설명  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13003-AP 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STX13003-AP Datasheet HTML 3Page - STMicroelectronics STX13003-AP Datasheet HTML 4Page - STMicroelectronics STX13003-AP Datasheet HTML 5Page - STMicroelectronics STX13003-AP Datasheet HTML 6Page - STMicroelectronics STX13003-AP Datasheet HTML 7Page - STMicroelectronics STX13003-AP Datasheet HTML 8Page - STMicroelectronics STX13003-AP Datasheet HTML 9Page - STMicroelectronics STX13003-AP Datasheet HTML 10Page - STMicroelectronics STX13003-AP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STX13003
Package mechanical data
Doc ID 7928 Rev 6
9/11
Dim.
mm
Min
Typ
Max
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1,F2
2.44
2.54
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W17.50
18.00
19.00
W0
5.70
6.00
6.30
W1
8.50
9.00
9.25
W2
0.50
H18.50
20.50
H3
0.5
1
1.5
H0
15.50
16.00
16.50
H1
25.00
D0
3.80
4.00
4.20
t
0.90
L
11.00
I1
3.00
delta P
-1.00
1.00
TO-92 ammopack shipment (suffix”-AP”) mechanical data
0050910S



Html Pages

1 2 3 4 5 6 7 8 9 10 11