전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTL145 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 HTL145
상세설명  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTL145 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTL145 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTL145 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTL145 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6454-B
Issued Date : 1993.02.24
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HTL145
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HTL145 is designed for high voltage low power switching
applications especially for use in telephone and telecommunication
circuits.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ..................................................................................... 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... 500 V
VCEO Collector to Emitter Voltage ................................................................................... 500 V
IC Collector Current ....................................................................................................... 300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
500
-
-
V
IC=100uA
BVCEO
500
-
-
V
IC=1mA
ICBO
-
-
10
uA
VCB=500V
ICER
-
-
1
uA
VCE=200V
IEBO
-
-
200
nA
VEB=6V
*VCE(sat)1
-
-
500
mV
IC=20mA, IB=2mA
*VCE(sat)2
-
-
3
V
IC=100mA, IB=4mA
*VBE(sat)
-
-
900
mV
IC=20mA, IB=2mA
*hFE1
50
-
-
VCE=10V, IC=1mA
*hFE2
50
-
300
VCE=10V, IC=20mA
*hFE3
40
-
-
VCE=10V, IC=80mA
fT
10
-
-
MHz
VCE=20V, IE=10mA
Cob
-
-
30
pF
VCB=20V, f=1MHZ
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


유사한 부품 번호 - HTL145

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HTL194 HSMC-HTL194 Datasheet
35Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTL195 HSMC-HTL195 Datasheet
35Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - HTL145

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com