전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTL195 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 HTL195
상세설명  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTL195 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTL195 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTL195 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTL195 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6452
Issued Date : 1993.02.10
Revised Date : 2002.04.18
Page No. : 1/3
HTL195
HSMC Product Specification
HTL195
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTL195 is designed for high voltage low power switching
applications especially for use in telephone and telecommunication
circuits.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ...................................................................................... 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ....................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... -500 V
VCEO Collector to Emitter Voltage ................................................................................... -500 V
IC Collector Current ...................................................................................................... -300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-500
-
-
V
IC=-100uA, IE=0
BVCEO
-500
-
-
V
IC=-1mA, IB=0
ICBO
-
-
-10
uA
VCB=-500V, IE=0
ICEO
-
-
-1
uA
VCE=-100V, IB=0
IEBO
-
-
-200
nA
VEB=-6V, IC=0
*VCE(sat)1
-
-
-500
mV
IC=-20mA, IB=-2mA
*VCE(sat)2
-
-
-3
V
IC=-80mA, IB=-4mA
*VBE(sat)
-
-
-900
mV
IC=-20mA, IB=-2mA
*hFE1
50
-
-
VCE=-10V, IC=-1mA
*hFE2
50
-
300
VCE=-10V, IC=-20mA
*hFE3
40
-
-
VCE=-10V, IC=-80mA
fT
10
-
-
MHz
VCE=-20V, IE=-10mA, f=1MHz
Cob
-
-
30
pF
VCB=-20V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-92


유사한 부품 번호 - HTL195

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HTL194 HSMC-HTL194 Datasheet
35Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - HTL195

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com