| 전자부품 데이터시트 검색엔진 |
|
NPIT30 데이터시트(PDF) 1 Page - Naina Semiconductor ltd. |
|
|
|||||||||||||||||||||||||||||
NPIT30 데이터시트(HTML) 1 Page - Naina Semiconductor ltd. |
|
1 / 2 page ![]() Naina Semiconductor Ltd. NPIT30 1 D-95, Sector 63, Noida – 201301, India • Tel: 0120-4205450 • Fax: 0120-4273653 sales@nainasemi.com • www.nainasemi.com Press Fit Isolated Stud Mount Triac ½”, 30 Amps Features • Improved glass passivation for high reliability • Exceptional stability at high temperatures • Metric thread type available • Low thermal resistance Notes: (1) All values apply in either direction Electrical Characteristics (TA = 25 0C unless otherwise specified) Parameter Symbol Part Numbers Units Maximum repetitive peak reverse voltage (1), VRRM 200 NPIT302 V 400 NPIT304 600 NPIT306 RMS on-state current IT(RMS) 30 A Non-repetitive peak surge on-state current, one cycle ITSM 300 A Peak gate trigger current IGTM 12 A Peak gate power dissipation @ IGT ≤ IGTM PGM 40 W Average gate power dissipation PG(AV) 0.75 W Peak off-state current (1) IDRM & IRRM 1.0 mA Maximum instantaneous forward voltage drop (1) VTM 2.0 V DC holding current (1) IH 60 mA Critical rate-of-rise of off-state voltage (1) Critical dv/dt 200 V/µsec Critical rate-of-rise of commutation voltage (1) Commutating dv/dt 3 V/µsec DC gate trigger current (T2+ Gate +, T2 - Gate -) Quads I and III IGT 100 mA (T2+ Gate - , T2 - Gate +) Quads II and IV 150 DC gate trigger voltage VGT 2.5 V Gate controlled turn-on time Tgt 3 µsec Thermal and Mechanical Specifications (TA = 25 oC, unless otherwise noted) Parameters Symbol Values Units Maximum operating junction temperature range TJ - 40 to +110 oC Maximum storage temperature range Tstg - 40 to +150 oC Maximum thermal resistance, junction to case Rθ(J-C) 2.1 oC/W Approximate weight W 30 g SC-66 |
유사한 부품 번호 - NPIT30 |
|
유사한 설명 - NPIT30 |