전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMS30C2232 데이터시트(PDF) 89 Page - Hynix Semiconductor

부품명 GMS30C2232
상세설명  16/32 BIT RISC/DSP
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C2232 데이터시트(HTML) 89 Page - Hynix Semiconductor

Back Button GMS30C2232 Datasheet HTML 85Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 86Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 87Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 88Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 89Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 90Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 91Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 92Page - Hynix Semiconductor GMS30C2232 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 320 page
background image
Instruction Set
3-27
3.20 Compare Instructions
Two operands are compared by subtracting the source operand or the immediate operand
from the destination operand. The condition flags are set or cleared according to the result;
the result itself is not retained. Note that the N flag indicates the correct compare result
even in the case of an overflow.
All operands and the result are interpreted as either all signed or all unsigned integers.
Format
Notation
Operation
RR
CMP
Rd, Rs
result := Rd - Rs;
Z := Rd = Rs;
-- result is zero
N := Rd < Rs signed;
-- result is true negative
V := overflow;
C := Rd < Rs unsigned;
-- borrow
Rimm
CMPI
Rd, imm
result := Rd - imm;
Z := Rd = imm;
-- result is zero
N := Rd < imm signed;
-- result is true negative
V := overflow;
C := Rd < imm unsigned;
-- borrow
When the SR is denoted as a source operand at CMP, C is subtracted instead of SR. The
notation is then:
Format
Notation
Operation
RR
CMP, Rd, C
result := Rd - C;
Z := Rd = C;
-- result is zero
N := Rd < C signed;
-- result is true negative
V := overflow;
C := Rd < C unsigned;
-- borrow
3.21 Compare Bit Instructions
The result of a bitwise logical AND of the source or immediate operand and the destination
operand is used to set or clear the Z flag accordingly; the result itself is not retained.
All operands and the result are interpreted as bitstrings of 32 bits each.
Format
Notation
Operation
RR
CMPB
Rd, Rs
Z := (Rd and Rs) = 0;
Rimm
CMPBI
Rd, imm
Z := (Rd and imm) = 0;
The following instruction is a special case of CMPBI differentiated by n = 0 (see section
4.3.1. Table of Immediate Values):
Format
Notation
Operation
Rimm
CMPBI
Rd, ANYBZ
Z := Rd(31..24) = 0 or Rd(23..16) = 0 or
Rd(15..8) = 0 or Rd(7..0) = 0;
-- any Byte of Rd = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More