전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMS30000EVA 데이터시트(PDF) 18 Page - Hynix Semiconductor

부품명 GMS30000EVA
상세설명  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30000EVA 데이터시트(HTML) 18 Page - Hynix Semiconductor

Back Button GMS30000EVA Datasheet HTML 14Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 15Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 16Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 17Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 18Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 19Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 20Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 21Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 158 page
background image
1 - 13
Masked options
The GMS300 series offer the following optional features.
These options are masked.
1. Watch dog timer reset by REMOUT output signal.
2. Input terminals having STOP release mode : K0~K3, R0~R3.
3. I/O terminals having pull-up resistor : R0~R3
4. Ceramic oscillation circuit contained (or not contained).
5. Output form at stop mode
D0~D7 :
ÌLÌ or keep before stop mode
STOP Function
Stop mode can be achieved by STOP instructions.
In stop mode :
1. Oscillator is stopped, the operating current is low.
2. Watch dog timer is reset, D8~D9 output and REMOUT output are
ÌLÌ.
3. Part other than WDT, D8~D9 output and REMOUT output have a value before
come into stop mode.
ÌBut, the state of D0~D7 output in stop mode is able to choose as masked
option.
ÌLÌ output or same level before come into stop mode.
The function to release stop mode is able to choose each bit of K or R input.
Stop mode is released when one of K or R input is going to
ÌLÌ.
1. State of D0~D7 output and REMOUT output is return to state of before stop mode
is achieved.
2. After 1024
Ø8 enable clocks for stable oscillating. First instruction start to operate.
3. In return to normal operation, WDT is counted from zero again.
But, at executing stop instruction, if one of K or R input is chosen to
ÌLÌ, stop
instruction is same to NOP instruction.
Chapter 1. Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More