전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMS36 데이터시트(PDF) 46 Page - Hynix Semiconductor

부품명 GMS36
상세설명  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 데이터시트(HTML) 46 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 42Page - Hynix Semiconductor GMS36 Datasheet HTML 43Page - Hynix Semiconductor GMS36 Datasheet HTML 44Page - Hynix Semiconductor GMS36 Datasheet HTML 45Page - Hynix Semiconductor GMS36 Datasheet HTML 46Page - Hynix Semiconductor GMS36 Datasheet HTML 47Page - Hynix Semiconductor GMS36 Datasheet HTML 48Page - Hynix Semiconductor GMS36 Datasheet HTML 49Page - Hynix Semiconductor GMS36 Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
5-1
CHAPTER 5. INSTRUCTION
INSTRUCTION FORMAT
All of the 43 instruction in GMS36/37XXX(T) series is format in two fields of OP
code and operand which consist of eight bits. The following formats are available
with different types of operands.
*Format
é
All eight bits are for OP code without operand.
*Format
ê
Two bits are for operand and six bits for OP code.
Two bits of operand are used for specifying bits of RAM and X-register (bit 1 and
bit 7 are fixed at
Ì0Ì)
*Format
ë
Four bits are for operand and the others are OP code.
Four bits of operand are used for specifying a constant loaded in RAM or Y-
register, a comparison value of compare command, or page addressing in ROM.
*Format
ì
Six bits are for operand and the others are OP code.
Six bits of operand are used for word addressing in the ROM.
Chapter 5. INSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More