전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMS97C52 데이터시트(PDF) 49 Page - Hynix Semiconductor

부품명 GMS97C52
상세설명  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS97C52 데이터시트(HTML) 49 Page - Hynix Semiconductor

Back Button GMS97C52 Datasheet HTML 45Page - Hynix Semiconductor GMS97C52 Datasheet HTML 46Page - Hynix Semiconductor GMS97C52 Datasheet HTML 47Page - Hynix Semiconductor GMS97C52 Datasheet HTML 48Page - Hynix Semiconductor GMS97C52 Datasheet HTML 49Page - Hynix Semiconductor GMS97C52 Datasheet HTML 50Page - Hynix Semiconductor GMS97C52 Datasheet HTML 51Page - Hynix Semiconductor GMS97C52 Datasheet HTML 52Page - Hynix Semiconductor GMS97C52 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
GMS90 Series
Oct. 2000 Ver 3.1a
45
OSCILLATOR CIRCUIT
Figure 10. Recommended Oscillator Circuits
Oscillation circuit is designed to be used either with a ceramic resonator or crystal oscillator. Since each crystal
and ceramic resonator have their own characteristics, the user should consult the crystal manufacturer for ap-
propriate values of external components.
XTAL2
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
XTAL1
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
CRYSTAL OSCILLATOR MODE
DRIVING FROM EXTERNAL SOURCE
XTAL2
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
XTAL1
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
External Oscillator
Signal
N.C.
C2
C1
C1, C2 = 30pF
±10pF for Crystals
For Ceramic Resonators, contact resonator manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59