전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S6B 데이터시트(PDF) 3 Page - GeneSiC Semiconductor, Inc.

부품명 S6B
상세설명  Silicon Standard Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENESIC [GeneSiC Semiconductor, Inc.]
홈페이지  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S6B 데이터시트(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  S6B Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S6B Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S6B Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package dimensions and terminal configuration
Product is marked with part number and terminal configuration.
S6B thru S6JR
DO- 4 (DO-203AA)
J
G
F
A
E
D
P
N
B
C
M
Inches
Millimeters
Min
Max
Min
Max
A
10-32 UNF
B
0.424
0.437
10.77
11.10
C
-----
0.505
-----
12.82
D
------
0.800
-----
20.30
E
0.453
0.492
11.50
12.50
F
0.114
0.140
2.90
3.50
G
-----
0.405
-----
10.29
J
-----
0.216
-----
5.50
M
-----
φ0.302
-----
φ7.68
N
0.031
0.045
0.80
1.15
P
0.070
0.79
1.80
2.00
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
3



Html Pages

1 2 3