전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS9108-10CS14 데이터시트(PDF) 7 Page - Integrated Circuit Systems

부품명 ICS9108-10CS14
상세설명  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9108-10CS14 데이터시트(HTML) 7 Page - Integrated Circuit Systems

  ICS9108-10CS14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 7Page - Integrated Circuit Systems ICS9108-10CS14 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8-Pin DIP Package
14-Pin DIP Package
Ordering Information
AV9108-XXCN8, ICS9108-XXCN14
Example:
XXX XXXX- XX M X#W
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
N=DIP (Plastic)
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
AV9108
7



Html Pages

1 2 3 4 5 6 7 8