전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATF280F 데이터시트(PDF) 73 Page - ATMEL Corporation

부품명 ATF280F
상세설명  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F 데이터시트(HTML) 73 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 69Page - ATMEL Corporation ATF280F_14 Datasheet HTML 70Page - ATMEL Corporation ATF280F_14 Datasheet HTML 71Page - ATMEL Corporation ATF280F_14 Datasheet HTML 72Page - ATMEL Corporation ATF280F_14 Datasheet HTML 73Page - ATMEL Corporation ATF280F_14 Datasheet HTML 74Page - ATMEL Corporation ATF280F_14 Datasheet HTML 75Page - ATMEL Corporation ATF280F_14 Datasheet HTML 76Page - ATMEL Corporation ATF280F_14 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
73
12.
Power Supply Management
12.1
Cold sparing
Cold sparing capability of the IOs allows to be electricaly connected to a bus while its power supply remains in the
range [VSS-300mV/VSS+300mV], this without any risk of damage for the device. Cold-sparing allows a redundant
spare to be electrically connected but unpowered until needed.
For applications requiring high reliability, the capability to use of a redundant device is a key feature. Cold sparing
availability on the ATF280F makes the FPGA especially suitable for high reliability systems.
The cold sparing feature is available for all the IOs:
• All the General Purpose IOs
• All the LVDS IOs
They present an high input impedance when unpowered [VSS-300mV / VSS+300mV] and exhibit a negligible leakage
current if exposed to a non-null input voltage at that time.
12.2
Power sequencing
The ATF280F is based on Atmel ATC18RHA 0.18 µm CMOS process. When the ATF280F needs to be powered
"on/off" while other circuits in the application are still powered, the recommended “power on/off” sequences are:
• power-up
•
First power VCC33 (I/O),
•
Then power VDD18 (Core).
• power-down
•
First unpower VDD18 (Core),
•
Then unpower VCC33 (I/O).
It is also recommended to stop all activity during these phases as a bi-directional could be in an undetermined state
(input or output mode) and create bus contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com