전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS601M-01I 데이터시트(PDF) 5 Page - Integrated Circuit Systems

부품명 ICS601M-01I
상세설명  Low Phase Noise Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601M-01I 데이터시트(HTML) 5 Page - Integrated Circuit Systems

  ICS601M-01I Datasheet HTML 1Page - Integrated Circuit Systems ICS601M-01I Datasheet HTML 2Page - Integrated Circuit Systems ICS601M-01I Datasheet HTML 3Page - Integrated Circuit Systems ICS601M-01I Datasheet HTML 4Page - Integrated Circuit Systems ICS601M-01I Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS601-01
Low Phase Noise Clock Multiplier
MDS 601-01 G
5
Revision 090800
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC no. 95.)
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS601M-01
ICS601M-01
tubes
16 pin narrow SOIC
0 to 70 °C
ICS601M-01T
ICS601M-01
tape and reel
16 pin narrow SOIC
0 to 70 °C
ICS601M-01I
ICS601M-01I
tubes
16 pin narrow SOIC -40 to 85 °C
ICS601M-01IT
ICS601M-01I
tape and reel
16 pin narrow SOIC -40 to 85 °C
ICS601G-01
ICS601G-01
tubes
16 pin TSSOP
0 to 70 °C
ICS601G-01T
ICS601G-01
tape and reel
16 pin TSSOP
0 to 70 °C
B
D
E
H
e
A1
C
A
16 pin narrow SOIC, TSSOP (in mm)
SOIC
SOIC
TSSOP
TSSOP
Symbol
Min
Max
Min
Max
A
1.35
1.75
-
1.20
A1
0.10
0.25
0.05
0.15
B
0.33
0.51
0.19
0.30
C
0.19
0.25
0.09
0.20
D
9.80
10.00
4.90
5.10
E
3.80
4.00
4.30
4.50
H
5.80
6.20
6.40 BSC
6.40 BSC
e
1.27 BSC
1.27 BSC
0.65 BSC
0.65 BSC
L
0.40
1.27
0.45
0.75
L



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com