| 전자부품 데이터시트 검색엔진 |
|
ICS90C65N 데이터시트(PDF) 2 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS90C65N 데이터시트(HTML) 2 Page - Integrated Circuit Systems |
|
2 / 10 page ![]() ICS90C65 VGA Interface The ICS90C65 has two system interfaces: System Bus and VGA Controller, as well as other programmable inputs. Figure 1 shows how the Integrated Circuit Systems’s VGA Clock ICS90C65 is connected to a VGA controller. Western Digital Imaging VGA controllers normally have a status bit that indi- cates to the VGA controller that it is working with a clock chip. When working with a clock chip the VGA controller changes t wo of i ts cl ock in pu ts to ou tpu ts. They are theVCLK1/VCSLD/VCSEL and VCLK2/VCSEL/VCSELH outputs and they are used to select the required video frequency. Figure 1 When the power-down capabilities are used, the control signal for PWRDN is normally held in one of a group of latches. If the power-down function is not to be used, PWRDN must be tied to VDD, otherwise the internal pull-down will place the chip in the power-down mode. VSEL0 14.318 MHz SD3 SD2 pull-up at reset and PR15(5)=0 AMD(3) VCKIN MCLK VCSEL VCS ICS90C65 WD90C26 LATCH VSEL1 VSEL2 VCLK MC SELEN CLK1 PWRDN ICS90C65 2 |