| 전자부품 데이터시트 검색엔진 |
|
ICS9120M-53 데이터시트(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9120M-53 데이터시트(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 5 page ![]() 5 ICS9120-53 Ordering Information ICS9120M-53 0.194 0.031 0.024 0.016 0.050 0.006 ± 0.004 0.238 0.154 0.015 0.063 0.025 0.008 8-Pin SOIC Package Example: ICS XXXX M-PPP Package Type M =SOIC Device Type (consists of 3 or 4-digit numbers) Prefix ICS, AV=Standard Device Pattern Number (2 or 3-digit number for parts with ROM code pattern) ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate. |