| 전자부품 데이터시트 검색엔진 |
|
FMMT591TC 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
FMMT591TC 데이터시트(HTML) 1 Page - Diodes Incorporated |
|
1 / 7 page ![]() FMMT591 Document number: DS33104 Rev. 6 - 2 1 of 7 www.diodes.com March 2014 © Diodes Incorporated FMMT591 A Product Line of Diodes Incorporated 60V PNP MEDIUM POWER TRANSISTOR IN SOT23 Features BVCEO > -60V IC = -1A High Continuous Collector Current ICM = -2A Peak Pulse Current RSAT = 295mΩ for a Low Equivalent On-Resistance hFE characterised up to -2A for high current gain hold up Complementary NPN Type: FMMT491 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability Mechanical Data Case: SOT23 Case Material: molded plastic, “Green” Molding Compound UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208 Weight 0.008 grams (approximate) Ordering Information (Note 4) Part Number Compliance Marking Reel size (inches) Tape width (mm) Quantity per reel FMMT591TA AEC-Q101 591 7 8 3,000 Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information 591 = Product Type Marking Code SOT23 Top View Pin-Out Top View Device Symbol C E B C E B 591 |
유사한 부품 번호 - FMMT591TC |
|
유사한 설명 - FMMT591TC |