전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1815 데이터시트(PDF) 21 Page - Analog Devices

부품명 AD1815
상세설명  SoundComm Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1815 데이터시트(HTML) 21 Page - Analog Devices

Back Button AD1815_15 Datasheet HTML 17Page - Analog Devices AD1815_15 Datasheet HTML 18Page - Analog Devices AD1815_15 Datasheet HTML 19Page - Analog Devices AD1815_15 Datasheet HTML 20Page - Analog Devices AD1815_15 Datasheet HTML 21Page - Analog Devices AD1815_15 Datasheet HTML 22Page - Analog Devices AD1815_15 Datasheet HTML 23Page - Analog Devices AD1815_15 Datasheet HTML 24Page - Analog Devices AD1815_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD1815
–21–
REV. 0
FMVO
FM Synthesis Valid Out. This bit is set if Slots 6 and 7 contain valid left and right FM synthesis data.
SSPVO
SS/SB Playback Valid Out. This bit is set if Slots 4 and 5 contain valid right and left SS/SB playback data.
SSCVO
SS/SB Capture Valid Out. This bit is set if valid SS/SB capture data is being transmitted. If not in a modem mode,
Slots 2 and 3 will contain valid right and left SS/SB capture data. If in modem mode, only Slot 3 will contain valid
left SS/SB capture data as Slot 2 and the ADC right channel are used by the modem.
MODVO
Modem Valid Out. This bit is set if Slot 2 contains valid modem capture data.
PNPR
Plug and Play Reset flag. This bit is set by an AD1815 reset (RESETB pin asserted LOW), or by a Plug and Play
reset command. This bit is cleared by the assertion of the FCLR bit in the control word. While this bit is set, all at-
tempts to write a SS indirect register via the DSP port will be ignored and fail. This is to insure that Plug and Play
resets are immediately applied to the application running on the DSP, without requiring them to continuously poll the
Plug and Play reset status bit. During the frame that this bit is cleared (by asserting FCLR), an attempt to write a
SS indirect register will succeed. If the FCLR bit is asserted continuously, writes to indirect registers via the DSP
port will always be enabled. A Plug and Play reset command will set this PNPR bit HIGH during at least one
frame.
PDN
Powerdown flag. This bit is set by an AD1815 reset (RESETB pin asserted LOW), or by an AD1815 powerdown.
Before an AD1815 powerdown sequence shuts down the DSP port, at least one frame will be sent with this bit set.
This bit can be cleared by the assertion of the FCLR (DSP port status clear) bit in the control word, providing the
AD1815 is no longer in powerdown.
The SDFS pin is used for the serial interface frame synchronization. New frames are marked by a one SCLK duration HI pulse
driven out on SDFS one serial clock period before the frame begins. Upon initializing, there are exactly 12 time slots per frame, and
16 bits per time slot. The frame rate is 57,291 and 2/3 Hz (11 MHz SCLK / (16 bits * 12 slots). The frame rate can also be changed
from the default value by reprogramming the rate in registers. The frame rate can run at the default rate or programmed to match the
modem sample rate, ADC capture rate, DAC playback rate, music sample rate, I
2S(1) sample rate, or I2S(0) sample rate. When the
frame rate is not equivalent to the sample rate, Valid Out, Request In, and Valid In bits are used to control the sample data flow.
When the frame rate is equivalent to the sample rate, Valid and Request bits can be ignored.
SCLK
SDI OR SDO
15 14 13
3
2
1
0 15 14 13
3
2
1
0 15 14 13
3
2
1
0
SDFS
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SAMPLE PERIOD N + 2
SAMPLE PERIOD N + 1
SAMPLE PERIOD N
Figure 12. DSP Serial Interface (Default Frame Rate)
SCLK
15 14 13
3 2
1
0
15 14 13
3 2
1
0
15 14 13
3 2
1
0
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SLOT 0
SLOT 15
SAMPLE PERIOD N + 2
SAMPLE PERIOD N + 1
SAMPLE PERIOD N
SDI OR SDO
SDFS
Figure 13. DSP Serial Interface (User Programmed Frame Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com