전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSF5N50 데이터시트(PDF) 2 Page - Bruckewell Technology LTD

부품명 MSF5N50
상세설명  500V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF5N50 데이터시트(HTML) 2 Page - Bruckewell Technology LTD

  MSF5N50 Datasheet HTML 1Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 2Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 3Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 4Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 5Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 6Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 7Page - Bruckewell Technology LTD MSF5N50 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSF5N50
500V N-Channel MOSFET
Publication Order Number: [MSF5N50]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC=25°C)
Power Dissipation (TC=100°C)
38
W
0.3
W/°C
TSTG
Operating and Storage Temperature Range
-55 to +150
°C
NOTE:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. IAS=4.5A, VDD=50V, RG=25Ω, Starting TJ =25°˚C
3. ISD≤4.5A, di/dt≤300A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID = 250μA
2.0
4.0
V
*RDS(ON)
VGS = 10 V , ID = 2.25 A
--
1.2
1.5
m
Ω
BVDSS
VGS = 0 V , ID = 250μA
500
--
--
V
△BV
DSS /△TJ
ID = 250μA, Referenced to 25°C
0.4
V/°C
IDSS
VDS = 500 V , VGS = 0 V
VDS = 400 V , VGS = 0 V , Tj = 125°C
--
--
10
100
uA
IGSSF
VDS = 30 V, VDS = 0 V
100
nA
IGSSR
VDS = -30 V, VDS = 0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS = 400 V,ID = 4.5 A,
VGS = 10 V
--
14
18
nC
Qgs
--
2.5
--
nC
Qgd
--
6
--
nC
td(on)
VDS = 250 V, ID = 2.5 A,
RG = 25 Ω
--
20
40
ns
tr
--
25
50
ns
td(off)
--
45
90
ns
tf
--
25
50
ns
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
550
720
pF
COSS
--
80
105
pF
CRSS
--
10
13
pF



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com