| 전자부품 데이터시트 검색엔진 |
|
IDT74FCT151ATPB 데이터시트(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT74FCT151ATPB 데이터시트(HTML) 2 Page - Integrated Device Technology |
|
2 / 6 page ![]() 6.5 2 IDT54/74FCT151T/AT/CT FAST CMOS 8-INPUT MULTIPLEXER MILITARY AND COMMERCIAL TEMPERATURE RANGES PIN CONFIGURATIONS ABSOLUTE MAXIMUM RATINGS (1) PIN DESCRIPTION 2635 tbl 03 FUNCTION TABLE (1) NOTE: 2635 tbl 04 1. H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t care, Z = High Impedance. 2635 drw 02 I4 I2 I1 I0 Z Z E GND I5 I6 I7 S0 S2 S1 VCC 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16 DIP/SOIC/CERPACK TOP VIEW P16-1 D16-1 SO16-1 & E16-1 I3 INDEX I1 I0 NC Z I5 I6 NC I7 S0 LCC TOP VIEW 3 2 20 19 1 4 5 6 7 8 18 17 16 15 14 9 101112 13 L20-2 z 2635 drw 03 Pin Names Description I0 - I7 Data Inputs S0 - S2 Selects Inputs E Enable Input (Active LOW) Z Data Output Z Inverted Data Output Inputs Outputs S2 S1 S0 E Z Z X L L L L H H H H X L L H H L L H H X L H L H L H L H H L L L L L L L L L I0 I1 I2 I3 I4 I5 I6 I7 H I0 I1 I2 I3 I4 I5 I6 I7 Symbol Description Max. Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +7.0 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to VCC +0.5 V TSTG Storage Temperature –65 to +150 °C IOUT DC Output Current –60 to +120 mA NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT- INGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Input and VCC terminals only. 3. Outputs and I/O terminals only. 2635 lnk 01 CAPACITANCE (TA = +25 °C, f = 1.0MHz) Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF NOTE: 1. This parameter is measured at characterization but not tested. 2635 lnk 02 |