전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L272 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L272
상세설명  DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L272 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L272 Datasheet HTML 2Page - STMicroelectronics L272 Datasheet HTML 3Page - STMicroelectronics L272 Datasheet HTML 4Page - STMicroelectronics L272 Datasheet HTML 5Page - STMicroelectronics L272 Datasheet HTML 6Page - STMicroelectronics L272 Datasheet HTML 7Page - STMicroelectronics L272 Datasheet HTML 8Page - STMicroelectronics L272 Datasheet HTML 9Page - STMicroelectronics L272 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 12 : Motor Current Control Circuit.
Note : The input voltage level is compatible with L291 (5-BIT D/A converter).
Figure 13 : Bidirectional Speed Control of DC Motors.
2R3
° R1
For circuit stability ensure that RX >where RM = internal resistance of motor.
RM
Vs
2R
° R1
The voltage available at the terminals of the motor is VM = 2 (Vi
) +
Ro ⋅ ΙM where Ro =
2RX
and IM is the motor current.
L272
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10