전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC628H 데이터시트(PDF) 1 Page - Mallory performance club

부품명 SC628H
상세설명  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MALLORY [Mallory performance club]
홈페이지  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

SC628H 데이터시트(HTML) 1 Page - Mallory performance club

  SC628H Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products,Inc.
Part #:
SC628H
Sales Outline Drawing
Revision:
B
Specifications:
Sound Level Category
Medium
Mode of Operation
Continuous
Voltage Rating
6 to 28 VDC
Frequency
4500 ± 500 Hz
Loudness @ 2 FT
78 to 89 Typ.
Current Draw
6-23 mA
Housing Material
6/6 Nylon, Color: Black
Storage Temperature
-40° to +85° C
Operating Temperature
-30° to +65° C
Panel Mounting
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Weight (Typical)
1.6 oz (45g)
NEMA 3R,4X, & 12
Approved with use of ACC03.
Options
Please contact factory.
Dimensions: Inches (mm)
cUL Recognized
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com


유사한 부품 번호 - SC628H

제조업체부품명데이터시트상세설명
logo
Mallory Sonalert Produc...
SC628H-BTR MSPI-SC628H-BTR Datasheet
84Kb / 1P
Voltage Rating 6 to 28 VDC
SC628HJR MSPI-SC628HJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628HPR MSPI-SC628HPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628HR MSPI-SC628HR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
More results

유사한 설명 - SC628H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com