전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIO7 데이터시트(PDF) 3 Page - ABCircuits

부품명 SIO7
상세설명  Serial input/output IC for 7 bits of input and 7 bits of output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABCIRCUITS [ABCircuits]
홈페이지  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO7 데이터시트(HTML) 3 Page - ABCircuits

  SIO7 Datasheet HTML 1Page - ABCircuits SIO7 Datasheet HTML 2Page - ABCircuits SIO7 Datasheet HTML 3Page - ABCircuits SIO7 Datasheet HTML 4Page - ABCircuits SIO7 Datasheet HTML 5Page - ABCircuits SIO7 Datasheet HTML 6Page - ABCircuits SIO7 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO7
Copyright © 2014 ABCircuits. Revised September 2014 Page 3 of 7
OUTPUT A5
INPUT A0
OUTPUT A2
OUTPUT A0
OUTPUT A6
.01
.1
INPUT A6
USB
1
2
3
4
5
REFER TO FT232 DATASHEET
FOR MORE DETAILS
VCC
4.7
INPUT A1
OUTPUT A4
BEAD
INPUT A2
.1
7 BITS INPUT/OUTPUT USB
OUTPUT A3
INPUT A5
SIO7
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
IA0
NC
IA2
IA4
IA6
NC
SIN-
OA5
OA3
OA1
SOUT-
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
VCC
FT232-SSOP
14
13
22
23
11
2
5
1
19
16
15
8
24
27
28
3
6
9
10
12
CBUS3
CBUS2
CBUS1
CBUS0
-CTS
DTR
RXD
TXD
-RST
USBM
USBP
NC
NC
OSCI
OSCO
RTS
RI
DSR
DCD
CBUS4
OUTPUT A1
INPUT A4
CASE
INPUT A3
Connection Diagram
SIO7
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
IA0
NC
IA2
IA4
IA6
NC
SIN-
OA5
OA3
OA1
SOUT-
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
Pin Description
Pin #
Description
Pin #
Description
1
SIN-
20
VDD
2
OA5
19
OA6
3
OA3
18
OA4
4
OA1
17
OA2
5
NC
16
OA0
6
SOUT-
15
NC
7
IA5
14
IA6
8
IA3
13
IA4
9
IA1
12
IA2
10
VSS
21
IA0
OA0-6
These output bits are set when a byte is received on the SIN- pin, if bit 8 is a zero, otherwise they
do not change. Output drivers may be required for high power loads.
SIN-
This is the serial input pin. It may be tied directly to the UART transmitter output of your UART or
microprocessor; to a RS -232 receiver such as the MAX232; an Ethernet interface such as the
Lantronix Xport; or a USB IC such as the FT232. This pin is high in the idle state, the input
format is 8 bits, 1 stop, no parity at 9600 BPS. Other formats and baud rates are available,
please contact the factory for information. Bit 8 must be received as a zero or the byte will be
ignored. The byte received on this pin will be transferred to the OA0-6 pins.



Html Pages

1 2 3 4 5 6 7