전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMP809S 데이터시트(PDF) 6 Page - IMP, Inc

부품명 IMP809S
상세설명  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IMP [IMP, Inc]
홈페이지  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP809S 데이터시트(HTML) 6 Page - IMP, Inc

  IMP809S Datasheet HTML 1Page - IMP, Inc IMP809S Datasheet HTML 2Page - IMP, Inc IMP809S Datasheet HTML 3Page - IMP, Inc IMP809S Datasheet HTML 4Page - IMP, Inc IMP809S Datasheet HTML 5Page - IMP, Inc IMP809S Datasheet HTML 6Page - IMP, Inc IMP809S Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
IMP809, IMP8
IMP809, IMP81100
Package Dimensions
E
A
C
L
e1
A1
H
e
D
S
B
a
SOT-23 (3-Pin).eps
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-23 (3-Pin)
A
0.031
0.050
0.80
1.27
A1
0.004
0.010
0.10
0.25
B
0.015
0.020
0.37
0.51
C
0.003
0.007
0.085
0.18
D
0.110
0.120
2.80
3.04
E
0.047
0.055
1.20
1.40
e
0.035
0.040
0.89
1.03
e1
0.070
0.080
1.78
2.05
H
0.083
0.1039
2.10
2.64
L
0.027 REF
0.069 REF
S
0.018
0.024
0.45
0.60
Plastic SOT-23 (3-Pin)



Html Pages

1 2 3 4 5 6 7