| 전자부품 데이터시트 검색엔진 |
|
4591 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
4591 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 16 page ![]() SoHo Cable-Check™ quickly and easily tests RJ45 and cable TV “F” smart home installations. It works on installed cable runs and patch cords to test continuity and identify good connections, open and shorts. Includes patch cords, 75-ohm male “F” terminator, “F” female adapter, battery and carrying case. P/N 1578 1578 Data/Link ID and Cable-Check™ is a multi- purpose continuity tester and network identifier. Cable-Check maps cable for both data and telephone connection schemes. The Data/Link ID identifies data and link transmission speeds along with PC and Hub transmissions and link pulses. Carrying case, patch cords and batteries included. P/N 1576 Test PC Cable-Check™ Pro – This powerful troubleshooting tool maps the pin-out, detects good connections and any opens, shorts or crosses in the cable. It now tests over 20 different patch cables including: LAN & telephone, Serial, coax, USB, VGA, Mini-USB, S-video, FireWire, PS/2 keyboard and parallel printer. It now features auto test or manual modes and auto-off to extend the battery life. The case is more rugged, has a built-in handle for easy transport and includes rubber feet to grip to desk or bench to prevent slipping. 9V battery included. P/N 1577 1576 1577 1573 Tone Generator and Tone Probe Plus Cable-Check™ is a combination RJ45 LAN tester and tone generator and tone probe cable tracer. It maps the cable and identifies connector and cable pin-out. The unit also provides full- range continuity testing, line condition, signal tracing and wire identification. Carrying case and patch cords included. P/N 1573 10 |