전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1981A 데이터시트(PDF) 21 Page - Analog Devices

부품명 AD1981A
상세설명  AC 97 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1981A 데이터시트(HTML) 21 Page - Analog Devices

Back Button AD1981A_15 Datasheet HTML 16Page - Analog Devices AD1981A_15 Datasheet HTML 17Page - Analog Devices AD1981A_15 Datasheet HTML 18Page - Analog Devices AD1981A_15 Datasheet HTML 19Page - Analog Devices AD1981A_15 Datasheet HTML 20Page - Analog Devices AD1981A_15 Datasheet HTML 21Page - Analog Devices AD1981A_15 Datasheet HTML 22Page - Analog Devices AD1981A_15 Datasheet HTML 23Page - Analog Devices AD1981A_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD1981A
–21–
REGM0
Master Codec Register Mask
REGM1
Slave 1 Codec Register Mask
REGM2
Slave 2 Codec Register Mask
SLOT16
Enable 16-Bit Slot Mode.
SLOT16 makes all AC link slots 16 bits in length, formatted into 16 slots.
This is a preferred mode for DSP serial port interfacing.
Miscellaneous Control Bits (Index 76h)
Reg Num Name
D15
D14
D13
D12 D11 D10
D9
D8 D7
D6
D5
D4
D3
D2
D1
D0
Default
76h
Misc Control Bits DACZ
X MSPLT
X DAM
X FMXE X
X MADPD X MADST VREFH VREFD MBG1 MBG0 0000h
MBG[1:0]
MIC Boost Gain Change Register:
These two bits allow changing the MIC preamp gain from the nominal 20 dB gain.
Note: This gain setting only takes effect while Bit D6 (M20) on the MIC Volume Register (0Eh) is set to 1. Otherwise
the MIC boost block has a gain of 0 dB.
00 = 20 dB Gain (Reset Default)
01 = 10 dB Gain
10 = 30 dB Gain
11 = Reserved
VREFD
VREFOUT Disable: Disables VREFOUT placing it into High Zout mode.
Note that this bit overrides the VREFH bit selection (see below).
0 = VREFOUT Pin Is Driven by the Internal Reference (Reset Default)
1 = VREFOUT Pin Is Placed into High Zout Mode
VREFH
VREFOUT High: Changes VREFOUT from 2.25 V to 3.70 V for MIC bias applications.
0 = VREFOUT Pin Is set to 2.25 V Output (Reset Default)
1 = VREFOUT Pin Is set to 3.70 V Output
MADST
Mixer ADC Status Bit: Indicates status of mixer digitizing ADC (L/R channels)
0 = Mixer ADC Not Ready
1 = Mixer ADC Is Ready
MADPD
Mixer ADC Power-Down: Controls power-down for mixer digitizing ADC.
0 = Mixer ADC Is Powered-On (Default)
1 = Mixer ADC Is Powered-Down
FMXE
Front DAC into Mixer Enable: Controls the Front (main) DAC to Mixer mute switches.
0 = Front DAC Outputs Are Allowed to Sum into the Mixer (Reset Default)
1 = Front DAC Outputs Are Muted into the Mixer (Blocked)
DAM
Digital Audio Mode: PCM DAC outputs bypass the analog mixer and are sent directly to the Codec output.
MSPLT
Mute Split: Allows separate mute control bits for master, Headphone, LINE_IN, CD, AUX, and PCM volume control
Registers as well as Record Gain Register and mixer ADC volume.
0 = Both Left and Right Channel Mutes Are Controlled by Bit 15 in the Respective Registers (Reset Default)
1 = Bit 15 Affects Only the Left Channel Mute and Bit 7 Affects Only the Right Channel Mute
DACZ
DAC Zero-Fill: (versus repeat) if DAC is starved for data.
0 = When DAC Is Filled with Repeat Data
1 = When DAC Is Filled with Zeros (Reset Default)
Vendor ID Registers (Index 7Ch)
Reg Num Name
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default
7Ch
Vendor ID1
F 7
F 6
F 5
F 4
F 3
F 2
F 1 F 0 S7
S6
S5
S4
S3
S2
S1
S0
4144h
S[7:0] This register is ASCII encoded to ‘A’
F[7:0] This register is ASCII encoded to ‘D’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com