전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA28F004SC-120 데이터시트(PDF) 29 Page - Intel Corporation

부품명 PA28F004SC-120
상세설명  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F004SC-120 데이터시트(HTML) 29 Page - Intel Corporation

Back Button PA28F004SC-120 Datasheet HTML 25Page - Intel Corporation PA28F004SC-120 Datasheet HTML 26Page - Intel Corporation PA28F004SC-120 Datasheet HTML 27Page - Intel Corporation PA28F004SC-120 Datasheet HTML 28Page - Intel Corporation PA28F004SC-120 Datasheet HTML 29Page - Intel Corporation PA28F004SC-120 Datasheet HTML 30Page - Intel Corporation PA28F004SC-120 Datasheet HTML 31Page - Intel Corporation PA28F004SC-120 Datasheet HTML 32Page - Intel Corporation PA28F004SC-120 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
29
PRELIMINARY
5.7
VPP Program and Erase
Voltages on Sub-0.4µ SC
Memory Family
Intel's SmartVoltage FlashFile™ memory family
provides in-system program/erase at 3.3 V VPP and
5V VPP as well as faster factory program/erase at
12 V VPP.
Future sub-0.4µ lithography SmartVoltage FlashFile
memory products will also include a backward-
compatible 12 V programming feature. This mode,
however, is not intended for extended use. A 12 V
program/erase VPP can be applied for 1000 cycles
maximum per block or 80 hours maximum per
device. To ensure compatibility with future sub-0.4µ
SmartVoltage FlashFile memory products, present
designs should not permanently connect VPP to
12 V. This will avoid device over-stressing that may
cause permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42