전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

28F128 데이터시트(PDF) 39 Page - Intel Corporation

부품명 28F128
상세설명  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 데이터시트(HTML) 39 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 35Page - Intel Corporation 28F128 Datasheet HTML 36Page - Intel Corporation 28F128 Datasheet HTML 37Page - Intel Corporation 28F128 Datasheet HTML 38Page - Intel Corporation 28F128 Datasheet HTML 39Page - Intel Corporation 28F128 Datasheet HTML 40Page - Intel Corporation 28F128 Datasheet HTML 41Page - Intel Corporation 28F128 Datasheet HTML 42Page - Intel Corporation 28F128 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
33
0606_09
Figure 10. Block Erase Flowchart
Start
Read
Status Register
SR.7 =
Erase Flash
Block(s) Complete
0
1
Full Status
Check if Desired
Suspend Erase
Issue Single Block Erase
Command 20H, Block
Address
Suspend
Erase Loop
Write Confirm D0H
Block Address
Yes
No
Bus
Operation
Command
Comments
Write
Erase Block
Data = 20H
Addr = Block Address
Write (Note 1)
Erase
Confirm
Data = D0H
Addr = X
Read
Status register data
With the device enabled,
OE# low updates SR
Addr = X
Standby
Check SR.7
1 = WSM Ready
0 = WSM Busy
1. The Erase Confirm byte must follow Erase Setup.
This device does not support erase queuing. Please see
Application note AP-646 For software erase queuing
compatibility.
Full status check can be done after all erase and write
sequences complete. Write FFH after the last operation to
reset the device to read array mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58