| 전자부품 데이터시트 검색엔진 |
|
IDT7142LA55L48I 데이터시트(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT7142LA55L48I 데이터시트(HTML) 7 Page - Integrated Device Technology |
|
7 / 16 page ![]() 6.42 IDT7132SA/LA and IDT 7142SA/LA High Speed 2K x 8 Dual Port Static RAM Military, Industrial and Commercial Temperature Ranges 7 AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(3,5) NOTES: 1. Transition is measured 0mV from Low or High-Impedance Voltage Output Test Load (Figure 2). 2. PLCC package only. 3. 'X' in part numbers indicates power rating (SA or LA). 4. This parameter is guaranteed by device characterization, but is not production tested. 5. Industrial temperature: for specific speeds, packages and powers contact your sales office. 7132X20(2) 7142X20(2) Com'l Only 7132X25(2) 7142X25(2) Com'l, Ind & Military 7132X35 7142X35 Com'l & Military Unit Symbol Parameter Min.Max.Min.Max.Min.Max. READ CYCLE tRC Read Cycle Time 20 ____ 25 ____ 35 ____ ns tAA Address Access Time ____ 20 ____ 25 ____ 35 ns tACE Chip Enable Access Time ____ 20 ____ 25 ____ 35 ns tAOE Output Enable Access Time ____ 11 ____ 12 ____ 20 ns tOH Output Hold from Address Change 3 ____ 3 ____ 3 ____ ns tLZ Output Low-Z Time(1,4) 0 ____ 0 ____ 0 ____ ns tHZ Output High-Z Time(1,4) ____ 10 ____ 10 ____ 15 ns tPU Chip Enable to Power Up Time(4) 0 ____ 0 ____ 0 ____ ns tPD Chip Disable to Power Down Time(4) ____ 20 ____ 25 ____ 35 ns 2692 tbl 08a 7132X55 7142X55 Com'l & Military 7132X100 7142X100 Com'l & Military Unit Symbol Parameter Min. Max. Min. Max. READ CYCLE tRC Read Cycle Time 55 ____ 100 ____ ns tAA Address Access Time ____ 55 ____ 100 ns tACE Chip Enable Access Time ____ 55 ____ 100 ns tAOE Output Enable Access Time ____ 25 ____ 40 ns tOH Output Hold from Address Change 3 ____ 10 ____ ns tLZ Output Low-Z Time(1,4) 5 ____ 5 ____ ns tHZ Output High-Z Time(1,4) ____ 25 ____ 40 ns tPU Chip Enable to Power Up Time(4) 0 ____ 0 ____ ns tPD Chip Disable to Power Down Time(4) ____ 50 ____ 50 ns 2692 tbl 08b |