| 전자부품 데이터시트 검색엔진 |
|
IDT74FCT240APB 데이터시트(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT74FCT240APB 데이터시트(HTML) 3 Page - Integrated Device Technology |
|
3 / 8 page ![]() IDT54/74FCT240/241/244/540/541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES 7.8 3 PIN DESCRIPTION FUNCTION TABLE NOTE: 2606 tbl 04 1. OEB for 241 only. NOTES: 2606 tbl 05 1. H = High Voltage Level X = Don’t Care L = Low Voltage Level Z = High Impedance 2. OEB for 241 only. ABSOLUTE MAXIMUM RATINGS (1) CAPACITANCE (TA = +25 °C, f = 1.0MHz) NOTES: 2606 tbl 01 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Input and VCC terminals only. 3. Outputs and I/O terminals only. Symbol Parameter (1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF NOTE: 2606 tbl 02 1. This parameter is measured at characterization but not tested. Symbol Rating Commercial Military Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +7.0 –0.5 to +7.0 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to VCC –0.5 to VCC V TA Operating Temperature 0 to +70 –55 to +125 °C TBIAS Temperature Under Bias –55 to +125 –65 to +135 °C TSTG Storage Temperature –55 to +125 –65 to +150 °C PT Power Dissipation 0.5 0.5 W IOUT DC Output Current 120 120 mA Pin Names Description OEA, OEB 3–State Output Enable Inputs (Active LOW) OEB(1) 3–State Output Enable Input (Active HIGH) Dxx Inputs Oxx Outputs Inputs(1) Outputs(1) OE OEA OE OEB OEB(2) D 240 241 244 540 541 LLH L H L LH L LLH H L H H L H HHL X Z Z Z Z Z |