전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960CF-30 데이터시트(PDF) 13 Page - Intel Corporation

부품명 80960CF-30
상세설명  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 데이터시트(HTML) 13 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 9Page - Intel Corporation 80960CF-30 Datasheet HTML 10Page - Intel Corporation 80960CF-30 Datasheet HTML 11Page - Intel Corporation 80960CF-30 Datasheet HTML 12Page - Intel Corporation 80960CF-30 Datasheet HTML 13Page - Intel Corporation 80960CF-30 Datasheet HTML 14Page - Intel Corporation 80960CF-30 Datasheet HTML 15Page - Intel Corporation 80960CF-30 Datasheet HTML 16Page - Intel Corporation 80960CF-30 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
Table 4 80960CF Pin DescriptionDMA and Interrupt Unit Control Signals
Name
Type
Description
DREQ3
I
DMA REQUEST
causes a DMA transfer to be requested Each of the four signals
request a transfer on a single channel DREQ0 requests channel 0 DREQ1 requests
DREQ2
A(L)
channel 1 etc When two or more channels are requested simultaneously the
DREQ1
H(Z)
channel with the highest priority is serviced first Channel priority mode is
DREQ0
R(Z)
programmable
DACK3
O
DMA ACKNOWLEDGE
indicates that a DMA transfer is being executed Each of the
four signals acknowledge a transfer for a single channel DACK0 acknowledges
DACK2
S
channel 0 DACK1 acknowledges channel 1 etc DACK30 are asserted when the
DACK1
H(1)
requesting device of a DMA is accessed
DACK0
R(1)
EOP3TC3
I
O
END OF PROCESSTERMINAL COUNT
can be programmed as either an input
(EOP30) or as an output (TC30) but not both Each pin is individually
EOP2TC2
A(L)
programmable When programmed as an input EOPx causes the termination of a
EOP1TC1
H(ZQ)
current DMA transfer for the channel corresponding to the EOPx pin EOP0
EOP0TC0
R(Z)
corresponds to channel 0 EOP1 corresponds to channel 1 etc When a channel is
configured for source
and destination chaining the EOP pin for that channel causes
termination of only the current buffer transferred and causes the next buffer to be
transferred EOP30 are asynchronous inputs
When programmed as an output the channel’s TCx pin indicates that the channel
byte count has reached 0 and a DMA has terminated TCx is driven with the same
timing as DACKx during the last DMA transfer for a buffer If the last bus request is
executed as multiple bus accesses TCx remains asserted for the entire bus request
XINT7
I
EXTERNAL INTERRUPT PINS
cause interrupts to be requested These pins can be
configured in three modes
XINT6
A(EL)
In Dedicated Mode each pin is a dedicated external interrupt source Dedicated
XINT5
H(Z)
inputs can be individually programmed to be level (low) or edge (falling) activated
XINT4
R(Z)
In Expanded Mode the 8 pins act together as an 8-bit vectored interrupt source The
XINT3
interrupt pins in this mode are level activated Since the interrupt pins are active low
XINT2
the vector number requested is the one’s complement of the positive logic value
XINT1
place on the port This eliminates glue logic to interface to combinational priority
XINT0
encoders which output negative logic
In Mixed Mode XINT75 are dedicated sources and XINT40 act as the 5 most
significant bits of an expanded mode vector The least significant bits are set to 010
internally
NMI
I
NON-MASKABLE INTERRUPT
causes a non-maskable interrupt event to occur
NMI is the highest priority interrupt recognized NMI is an edge (falling) activated
A(E)
source
H(Z)
R(Z)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62