전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960KA 데이터시트(PDF) 36 Page - Intel Corporation

부품명 80960KA
상세설명  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA 데이터시트(HTML) 36 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 32Page - Intel Corporation 80960KA Datasheet HTML 33Page - Intel Corporation 80960KA Datasheet HTML 34Page - Intel Corporation 80960KA Datasheet HTML 35Page - Intel Corporation 80960KA Datasheet HTML 36Page - Intel Corporation 80960KA Datasheet HTML 37Page - Intel Corporation 80960KA Datasheet HTML 38Page - Intel Corporation 80960KA Datasheet HTML 39Page - Intel Corporation 80960KA Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
80960KA
33
4.0
WAVEFORMS
Figures 27, 28, 29 and 30 show the waveforms for various transactions on the 80960KA’s local bus.
Figure 27. Non-Burst Read and Write Transactions Without Wait States
Ta
Td
Tr
Ta
Td
Tr
CLK2
CLK
LAD31:0
ALE
ADS
BE3:0
W/R
DT/R
DEN
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43