전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC80960HD32SL2GL 데이터시트(PDF) 37 Page - Intel Corporation

부품명 FC80960HD32SL2GL
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL 데이터시트(HTML) 37 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 33Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 34Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 35Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 36Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 37Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 38Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 39Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 40Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
31
4.5
VCCPLL Pin Requirements
If the voltage on the VCCPLL power supply pin exceeds the VCC pin voltage by 0.5 V at any time,
including the power up and power down sequences, excessive currents can permanently damage
on-chip electrostatic discharge (ESD) protection diodes. The damage can accumulate over
multiple episodes.
Pragmatically, this problem only occurs when the VCCPLL and VCC pins are driven by separate
power supplies or voltage regulators. Applications that use one power supply for VCCPLL and
VCC are not typically at risk. Verify that your application does not allow the VCCPLL voltage to
exceed VCC by 0.5 V.
The VCCPL low-pass filter recommended in the Developer’s Manual does not promote this
problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More