| 전자부품 데이터시트 검색엔진 |
|
N80C186EB13 데이터시트(PDF) 53 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
N80C186EB13 데이터시트(HTML) 53 Page - Intel Corporation |
|
53 / 59 page ![]() 80C186EB80C188EB 80L186EB80L188EB INSTRUCTION SET SUMMARY 80C186EB 80C188EB Function Format Clock Clock Comments Cycles Cycles DATA TRANSFER MOV e Move Register to RegisterMemory 1000100w mod reg r m 212 212 Registermemory to register 1000101w mod reg r m 2 9 2 9 Immediate to registermemory 1100011w mod 000 r m data data if we1 1213 1213 816-bit Immediate to register 1011w reg data data if we1 34 34 816-bit Memory to accumulator 1010000w addr-low addr-high 8 8 Accumulator to memory 1010001w addr-low addr-high 9 9 Registermemory to segment register 10001110 mod0reg r m 2 9 213 Segment register to registermemory 10001100 mod0reg r m 211 215 PUSH e Push Memory 11111111 mod110 r m 16 20 Register 01010 reg 10 14 Segment register 000reg110 9 13 Immediate 011010s0 data data if se010 14 PUSHA e Push All 01100000 36 68 POP e Pop Memory 10001111 mod000 r m 20 24 Register 01011 reg 10 14 Segment register 000reg111 (regi01) 8 12 POPA e Pop All 01100001 51 83 XCHG e Exchange Registermemory with register 1000011w mod reg r m 417 417 Register with accumulator 10010 reg 3 3 IN e Input from Fixed port 1110010w port 10 10 Variable port 1110110w 8 8 OUT e Output to Fixed port 1110011w port 9 9 Variable port 1110111w 7 7 XLAT e Translate byte to AL 11010111 11 15 LEA e Load EA to register 10001101 mod reg r m 6 6 LDS e Load pointer to DS 11000101 mod reg r m (mod i11) 18 26 LES e Load pointer to ES 11000100 mod reg r m (mod i11) 18 26 LAHF e Load AH with flags 10011111 2 2 SAHF e Store AH into flags 10011110 3 3 PUSHF e Push flags 10011100 9 13 POPF e Pop flags 10011101 8 12 Shaded areas indicate instructions not available in 80868088 microsystems NOTE Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers 53 53 |