| 전자부품 데이터시트 검색엔진 |
|
S80C188EB13 데이터시트(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S80C188EB13 데이터시트(HTML) 28 Page - Intel Corporation |
|
28 / 59 page ![]() 80C186EB80C188EB 80L186EB80L188EB AC SPECIFICATIONS AC Characteristics80C186EB25 Symbol Parameter 25 MHz Units Notes Min Max INPUT CLOCK TF CLKIN Frequency 0 50 MHz 1 TC CLKIN Period 20 % ns 1 TCH CLKIN High Time 8 % ns 1 2 TCL CLKIN Low Time 8 % ns 1 2 TCR CLKIN Rise Time 1 7 ns 1 3 TCF CLKIN Fall Time 1 7 ns 1 3 OUTPUT CLOCK TCD CLKIN to CLKOUT Delay 0 16 ns 1 4 T CLKOUT Period 2 TC ns 1 TPH CLKOUT High Time (T2) b 5 (T2) a 5ns 1 TPL CLKOUT Low Time (T2) b 5 (T2) a 5ns 1 TPR CLKOUT Rise Time 1 6 ns 1 5 TPF CLKOUT Fall Time 1 6 ns 1 5 OUTPUT DELAYS TCHOV1 ALE S20 DEN DTR BHE (RFSH) LOCK A1916 3 17 ns 1 4 6 7 TCHOV2 GCS07 LCS UCS NCS RD WR 3 20 ns 1 4 6 8 TCLOV1 BHE (RFSH) DEN LOCK RESOUT HLDA T0OUT 3 17 ns 1 4 6 T1OUT A1916 TCLOV2 RD WR GCS70 LCS UCS AD150 (AD70 A158) 3 20 ns 1 4 6 NCS INTA10 S20 TCHOF RD WR BHE (RFSH) DTR LOCK S20 A1916 0 20 ns 1 TCLOF DEN AD150 (AD70 A158) 0 20 ns 1 28 28 |