전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3441 데이터시트(PDF) 17 Page - Semtech Corporation

부품명 GS3441
상세설명  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 데이터시트(HTML) 17 Page - Semtech Corporation

Back Button GS3441 Datasheet HTML 13Page - Semtech Corporation GS3441 Datasheet HTML 14Page - Semtech Corporation GS3441 Datasheet HTML 15Page - Semtech Corporation GS3441 Datasheet HTML 16Page - Semtech Corporation GS3441 Datasheet HTML 17Page - Semtech Corporation GS3441 Datasheet HTML 18Page - Semtech Corporation GS3441 Datasheet HTML 19Page - Semtech Corporation GS3441 Datasheet HTML 20Page - Semtech Corporation GS3441 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
17 of 25
Proprietary & Confidential
www.semtech.com
Automatic muting of the output can be enabled by connecting the CD pin to the
OP1_CTL and OP2_CTL pins.
If the connection is made directly, as shown in Figure 4-1, the output would be in its
default mode (850mVppd swing with no de-emphasis) when there is signal present.
Figure 4-1: Direct Loopback
To enable automatic muting while the output is configured for other settings, a resistor
network should be used between CD and VCC_A. The intermediate voltages of this
resistor ladder can set the output to any one of the nine different settings as shown in
Figure 4-2 and Figure 4-3.
In Figure 4-2, automatic muting of the output is established by connecting node 3 to the
OPx_CTL pin. In this scenario, the output would be 850mVppd with 6dB of de-emphasis
when there is a signal present.
In Figure 4-3, the OPx_CTL pin is connected to node 4. In this scenario, the output would
be 425mVppd with no de-emphasis when there is a signal present.
In both cases, the output would be muted when no carrier is detected.
Note:
When the device is in SLEEP mode, automatic muting and SQ_ADJ do not
function. Asserting the SLEEP pin manually overrides all other functionality.
Figure 4-2: Resistor Divider Loopback Example #1
(Function Level 3 from Table 4-5)
Figure 4-3: Resistor Divider Loopback Example #2
(Function Level 4 from Table 4-5)
VCC_A
1k
Ω 2.6kΩ
012345
6
78
Levels
Taps
1k
Ω
1k
Ω 1kΩ
1k
Ω
1k
Ω
1k
Ω
1k
Ω
VCC_A
012345
6
78
Levels
Taps
1k
Ω 2.6kΩ
1k
Ω
1k
Ω 1kΩ
1k
Ω
1k
Ω
1k
Ω
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com