전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S87C196KB 데이터시트(PDF) 5 Page - Intel Corporation

부품명 S87C196KB
상세설명  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

S87C196KB 데이터시트(HTML) 5 Page - Intel Corporation

  S87C196KB Datasheet HTML 1Page - Intel Corporation S87C196KB Datasheet HTML 2Page - Intel Corporation S87C196KB Datasheet HTML 3Page - Intel Corporation S87C196KB Datasheet HTML 4Page - Intel Corporation S87C196KB Datasheet HTML 5Page - Intel Corporation S87C196KB Datasheet HTML 6Page - Intel Corporation S87C196KB Datasheet HTML 7Page - Intel Corporation S87C196KB Datasheet HTML 8Page - Intel Corporation S87C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8XC196KB8XC196KB16
270909 – 4
NOTE
NC means No Connect (do not connect these pins)
Figure 4 80-Pin QFP Package
NOTE
The above pin out diagram applies to the OTP (87C196KB) device The OTP device uses all of the programming pins shown
above The ROM (83C196KB) device only uses programming pins AINC PALE PMODEn and PROG The ROMless
(80C196KB) doesn’t use any of the programming pins
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22