| 전자부품 데이터시트 검색엔진 |
|
AD7277ARMZ 데이터시트(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7277ARMZ 데이터시트(HTML) 28 Page - Analog Devices |
|
28 / 29 page ![]() AD7276/AD7277/AD7278 Rev. C | Page 27 of 28 ORDERING GUIDE Model1 Notes Temperature Range Linearity Error (LSB)2 Package Description Package Option Branding AD7276BRM −40°C to +125°C ±1 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C1W AD7276BRMZ −40°C to +125°C ±1 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C30 AD7276BRMZ-REEL −40°C to +125°C ±1 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C30 AD7276BUJZ-REEL7 −40°C to +125°C ±1 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C30 AD7276BUJZ-500RL7 −40°C to +125°C ±1 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C30 AD7276YUJZ-500RL7 3 −40°C to +125°C ±1 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C4W AD7276YUJZ-REEL7 3 −40°C to +125°C ±1 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C4W AD7276ARMZ −40°C to +125°C ±1.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6S AD7276ARMZ-REEL −40°C to +125°C ±1.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6S AD7276AUJZ- 500RL7 −40°C to +125°C ±1.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6S AD7276AUJZ-REEL7 −40°C to +125°C ±1.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6S AD7277BRMZ −40°C to +125°C ±0.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C31 AD7277BRMZ-REEL −40°C to +125°C ±0.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C31 AD7277BUJZ-500RL7 −40°C to +125°C ±0.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C31 AD7277BUJZ-REEL7 −40°C to +125°C ±0.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C31 AD7277ARMZ −40°C to +125°C ±0.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6T AD7277ARMZ-RL −40°C to +125°C ±0.5 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6T AD7277AUJZ-500RL7 −40°C to +125°C ±0.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6T AD7277AUJZ-RL7 −40°C to +125°C ±0.5 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6T AD7278BRMZ −40°C to +125°C ±0.3 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C32 AD7278BRMZ-REEL −40°C to +125°C ±0.3 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C32 AD7278BUJZ-500RL7 −40°C to +125°C ±0.3 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C32 AD7278BUJZ-REEL7 −40°C to +125°C ±0.3 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C32 AD7278ARMZ −40°C to +125°C ±0.3 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6U AD7278ARMZ-RL −40°C to +125°C ±0.3 max 8-Lead Mini Small Outline Package (MSOP) RM-8 C6U AD7278AUJZ-500RL7 −40°C to +125°C ±0.3 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6U AD7278AUJZ-RL7 −40°C to +125°C ±0.3 max 6-Lead Thin Small Outline Transistor Package (TSOT) UJ-6 C6U EVAL-AD7276CBZ 4 Evaluation Board EVAL-CONTROL BRD2 5 Control Board 1 Z = RoHS Compliant Part. 2 Linearity error refers to integral nonlinearity. 3 Y Grade part, fSAMPLE = 1 MSPS. 4 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL board for evaluation/demonstration purposes. 5 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards that end in a CB designator. To order a complete evaluation kit, the particular ADC evaluation board (such as EVAL-AD7276CBZ), the EVAL-CONTROL BRD2, and a 12 V transformer must be ordered. See the relevant evaluation board user guide for more information. |