전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C64-R 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M24C64-R
상세설명  64-Kbit serial I짼C bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 3Page - STMicroelectronics M24C64-R Datasheet HTML 4Page - STMicroelectronics M24C64-R Datasheet HTML 5Page - STMicroelectronics M24C64-R Datasheet HTML 6Page - STMicroelectronics M24C64-R Datasheet HTML 7Page - STMicroelectronics M24C64-R Datasheet HTML 8Page - STMicroelectronics M24C64-R Datasheet HTML 9Page - STMicroelectronics M24C64-R Datasheet HTML 10Page - STMicroelectronics M24C64-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DocID16891 Rev 30
7/45
M24C64-W M24C64-R M24C64-F
44
Figure 2. 8-pin package connections, top view
1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1
Figure 3. UFDFPN5 package connections
Note:
Inputs E2, E1, E0 are not connected, therefore read as (000). Please refer to Section 2.3 for
further explanations.
Figure 4. 5-bump WLCSP connections (M24C64-FCS6TP/K)
Note:
Inputs E2, E1, E0 are internally connected to (001). Please refer to Section 2.3 for further
explanations.
Figure 5. 8-bump thin WLCSP connections (M24C64-DFCT6TP/K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45