전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA749313TR 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 TDA749313TR
상세설명  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 22Page - STMicroelectronics TDA749313TR Datasheet HTML 23Page - STMicroelectronics TDA749313TR Datasheet HTML 24Page - STMicroelectronics TDA749313TR Datasheet HTML 25Page - STMicroelectronics TDA749313TR Datasheet HTML 26Page - STMicroelectronics TDA749313TR Datasheet HTML 27Page - STMicroelectronics TDA749313TR Datasheet HTML 28Page - STMicroelectronics TDA749313TR Datasheet HTML 29Page - STMicroelectronics TDA749313TR Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Heatsink provision
TDA7493
28/30
Doc ID 14570 Rev 6
8
Heatsink provision
With the exposed-pad packages, it is possible to use the printed circuit board as a heatsink.
Using a PCB copper ground area of 3 x 3 cm2 with 16 via holes to make contact with the
exposed pad, a thermal resistance of 37 °C/W can be achieved.
The amount of power dissipated within the device depends primarily on the supply voltage,
load impedance and output modulation level. The maximum estimated power dissipation for
the TDA7493 is around 1.1 W.
With the suggested copper area of 9 cm2, a maximum junction temperature increase of less
than 40 °C above ambient can be expected, thus giving a maximum junction temperature,
Tj, of approximately 90 °C in consumer environments where 50 °C is specified as the
maximum ambient temperature. This provides a comfortable safety margin to the thermal
protection threshold at Tj = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com