| 전자부품 데이터시트 검색엔진 |
|
SST113 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SST113 데이터시트(HTML) 2 Page - Vishay Siliconix |
|
2 / 6 page ![]() J/SST111 Series Vishay Siliconix www.vishay.com 7-2 Document Number: 70232 S-04028—Rev. E, 04-Jun-01 SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED) Limits J/SST111 J/SST112 J/SST113 Parameter Symbol Test Conditions Typa Min Max Min Max Min Max Unit Static Gate-Source Breakdown Voltage V(BR)GSS IG = –1 mA , VDS = 0 V –55 –35 –35 –35 V Gate-Source Cutoff Voltage VGS(off) VDS = 5 V, ID = 1 mA –3 –10 –1 –5 –3 V Saturation Drain Currentb IDSS VDS = 15 V, VGS = 0 V 20 5 2 mA VGS = –15 V, VDS = 0 V –0.005 –1 –1 –1 Gate Reverse Current IGSS TA = 125_C –3 nA Gate Operating Current IG VDG = 15 V, ID = 10 mA –5 pA VDS = 5 V, VGS = –10 V 0.005 1 1 1 Drain Cutoff Current ID(off) TA = 125_C 3 nA Drain-Source On-Resistance rDS(on) VGS = 0 V, VDS = 0.1 V 30 50 100 W Gate-Source Forward Voltage VGS(F) IG = 1 mA , VDS = 0 V 0.7 V Dynamic Common-Source Forward Transconductance gfs VDS = 20 V, ID = 1 mA 6 mS Common-Source Output Conductance gos VDS = 20 V, ID = 1 mA f = 1 kHz 25 mS Drain-Source On-Resistance rds(on) VGS = 0 V, ID = 0 mA f = 1 kHz 30 50 100 W Common-Source Input Capacitance Ciss VDS = 0 V, VGS = -10 V 7 12 12 12 Common-Source Reverse Transfer Capacitance Crss VDS = 0 V, VGS = -10 V f = 1 MHz 3 5 5 5 pF Equivalent Input Noise Voltage en VDG = 10 V, ID = 1 mA f = 1 kHz 3 nV ⁄ √Hz Switching td(on) 2 Turn-On Time tr VDD = 10 V, VGS(H) = 0 V 2 td(off) VDD = 10 V, VGS(H) = 0 V See Switching Circuit 6 ns Turn-Off Time tf 15 Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. NCB b. Pulse test: PW v300 ms duty cycle v3%. |