전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6208Q 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 L6208Q
상세설명  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 17Page - STMicroelectronics L6208Q Datasheet HTML 18Page - STMicroelectronics L6208Q Datasheet HTML 19Page - STMicroelectronics L6208Q Datasheet HTML 20Page - STMicroelectronics L6208Q Datasheet HTML 21Page - STMicroelectronics L6208Q Datasheet HTML 22Page - STMicroelectronics L6208Q Datasheet HTML 23Page - STMicroelectronics L6208Q Datasheet HTML 24Page - STMicroelectronics L6208Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID018710 Rev 3
21/34
L6208Q
Circuit description
34
Figure 21. Overcurrent protection simplified schematic
Figure 22 shows the overcurrent detection operation. The disable time tDISABLE before
recovering normal operation can be easily programmed by means of the accurate
thresholds of the logic inputs. It is affected by both CEN and REN values and its magnitude is
reported in Figure 23. The delay time tDELAY before turning off the bridge when an
overcurrent has been detected depends only on CEN value. Its magnitude is reported in
Figure 24.
CEN is also used for providing immunity to pin EN against fast transient noises. Therefore
the value of CEN should be chosen as big as possible according to the maximum tolerable
delay time and the REN value should be chosen according to the desired disable time.
The resistor REN should be chosen in the range from 2.2 k to 180 k. Recommended
values for REN and CEN are respectively 100 k and 5.6 nF which allow to obtain 200 µs
disable time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34