전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SB906 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SB906
상세설명  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB906 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB906_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB906_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB906_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB906
−IB1 = IB2 = 0.2 A, DUTY CYCLE ≤ 1%
20 μs
INPUT
IB1
IB2
OUTPUT
VCC = −30 V
IB2
Switching Time Test Circuit
■
Typical Characterisitics
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc = 25°C
0
0
−4
−1
−2
−1
−2
−3
−4
−3
−5
IB = −10 mA
0
−20
−30
−40
−50
−60
−70
−80
Collector current IC (A)
hFE – IC
30
100
300
500
1000
−0.03
−0.1
−0.3
−1
Tc = 100°C
−25
50
−3
Common emitter
VCE = −5 V
25
Collector current IC (A)
VCE (sat) – IC
−0.1
−0.3
−1
−3
−0.03
−0.05
−0.3
−0.5
−0.1
−1
25
Tc = 100°C
−0.02
−25
Common emitter
IC/IB = 10
Base-emitter voltage VBE (V)
IC – VBE
0
0
−3.0
−2.0
−1.5
−0.2
−0.6
−0.8
−1.2
−2.5
25
Tc = 100°C
−25
−1.0
−0.4
−0.5
−1.0
Common emitter
VCE = −5 V



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com