| 전자부품 데이터시트 검색엔진 |
|
V300LA20AP.. 데이터시트(PDF) 12 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
V300LA20AP.. 데이터시트(HTML) 12 Page - Littelfuse |
|
12 / 13 page ![]() © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 11/12/14 Varistor Products Radial Lead Varistors > LA Series Symbol Description Model Size 7mm 10mm 14mm 20mm P Pitch of Component 12.7 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 P 0 Feed Hole Pitch 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 P 1 Feed Hole Center to Pitch 3.85 +/- 0.7 8.85 +/- 0.7 8.85 +/- 0.7 8.85 +/- 0.7 P 2 Hole Center to Component Center 6.35 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 F Lead to Lead Distance 5.0 +/- 0.8 7.5 +/-0.8 7.5 +/- 0.8 7.5 +/- 0.8 h Component Alignment 2.0 Max 2.0 Max 2.0 Max 2.0 Max W Tape Width 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 W 0 Hold Down Tape Width 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 W 1 Hole Position 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 9.0 +0.75 / -0.50 W 2 Hold Down Tape Position 0.5 Max 0.5 Max 0.5 Max 0.5 Max H Height from Tape Center to Component Base 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 H 0 Seating Plane Height 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 H 1 Component Height 32.0 Max 36.0 Max 40.0 Max 46.5 Max D 0 Feed Hole Diameter 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 T Total Tape Thickness 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 U Under-crimp Width 8.0 Max 8.0 Max 8.0 Max 8.0 Max P Component Alignment 3° Max 1.00mm 3° Max 1.00mm 3° Max 1.00mm 3° Max Tape and Reel Specifications (continued) NOTE: Dimensions are in mm. • Conforms to ANSI and EIA specifications • Can be supplied to IEC Publication 286-2 • Radial devices on tape are supplied with crimped leads, straight leads, or under-crimped leads • 7mm parts are available on tape and reel up to 480 VAC only • 10mm parts are available on tape and reel up to 510 VAC only • 14mm and 20mm parts are available on tape and reel up to 550 VAC only Standard Bulk Pack Quantity Varistor Voltage Model Standard Bulk Pack Quantity Varistor Model Size 7mm 10mm 14mm 20mm 130-275 1500 1000 700 500 300-460 1500 1000 600 400 510-625 1500 1000 500 400 660 N/A 1000 500 400 680 N/A 1000 400 300 1000 N/A N/A 300 200 |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |